Part Number Hot Search : 
100AT H06510B RJK2508 LM224 RER70F 1212D STP16 3LN01C
Product Description
Full Text Search
 

To Download LV30150FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  LV30150FCT rev.f mar.-2016 data sheet http://www.fsbrec.com 1 / 6 to-220f ?? ?? schottky diode in a to-220f plastic package. ???  low forward voltage drop,low power losses,high efficiency operation. ????or-ing ?dc-dc ?????  for use in high frequency inverters, switching power supplies, freewheeling diodes, or-ing diode, dc-to-dc converters and re verse battery protection. pin1 anode pin 2 cathode pin 3 anode ?? / h fe classifications & marking ?? see marking instructions. / descriptions / features ? / applications ? / equivalent circuit / pinning 3 2 1
LV30150FCT rev.f mar.-2016 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rm v rsm v dc 150 v rms voltage v rms 105 v average rectified forward current(total) i f(av) 215 a non repetitive peak surge current i fsm 250 a thermal resistance junction to case r jc 4.6 /w junction and storage temperature range t j t stg -40 +150 parameter symbol test conditions ? min ? typ ? max unit breakdown voltage v br i r =1ma(ta=25 ) 150 v forward voltage v f i f =5a(ta=25 ) 0.69 0.75 v i f =10a(ta=25 ) 0.76 0.85 v i f =15a(ta=25 ) 0.81 0.90 v i f =5a(ta=125 ) 0.55 v i f =10a(ta=125 ) 0.62 v i f =15a(ta=125 ) 0.67 0.75 v instantaneous reverse current i r note 1 v r =150v(ta=25 ) 4.0 20 a v r =150v(ta=125 ) 5.0 10 ma ?/notes 1. ??????? short duration pulse test used to minimize self-heating effect. 2. ??????? unless otherwise noted, values for the parameters of a single chip ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
LV30150FCT rev.f mar.-2016 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve
LV30150FCT rev.f mar.-2016 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
LV30150FCT rev.f mar.-2016 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions ? br    ?? lv30150  ??? f:    ?? ct:     ??? ****   ???? note: br: company code lv30150: product type. f: package code ct: internal structure ****: lot no. code, code change with lot no. br **** lv30150 fct
LV30150FCT rev.f mar.-2016 data sheet http://www.fsbrec.com 6 / 6 ??? ( ? ) / temperature profile for dip soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 255 5 ?? 5 0.5sec; 2.peak temp.:255 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 270 5 ?? 10 1 sec. temp.:2705 time:101 sec ? / packaging spec. ?? / bulk package type ?? units ? dimension ?? (unit mm 3 ) units/bag ? / bags/inner box / units/inner box ? / inner boxes/outer box / units/outer box ? / bag inner box outer box to-220/f 200 10 2,000 5 10,000 135190 237172102 560245195 ??? / tube package type ?? units ? dimension ?? (unit mm 3 ) units/tube ? / ? tubes/inner box ? / units/inner box ? / inner boxes/outer box / units/outer box ? / tube ? inner box outer box to-220/f 50 20 1,000 5 5,000 53231.45.5 55516450 575290180 ?? / notices


▲Up To Search▲   

 
Price & Availability of LV30150FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X